Part Number Hot Search : 
10EDA10 GBU6M LS103 ANX5808 CS5180 MIP0223S SY10E111 G5U1118
Product Description
Full Text Search
 

To Download HVP125N2000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  voltage multipliers inc. 8711 w. roosevelt ave. visalia, ca 93291 tel 559-651-1402 fax 559-651-0740 www.voltagemultipliers.com dimensions: in. (mm) ? data subject to change without notice. high voltage power supply - 250w series hvp050p5000 hvp050n5000 hvp080p3000 hvp080n3000 hvp125p2000 HVP125N2000 input:  115 or 230v ac, 50/60 hz voltage regulation: ? less than .5% of output voltage current regulation:  less than .5% of output current at 20% to 100% of rated voltage ripple:  less than 1% of output voltage temperature coefficient:  200 ppm/c ambient temperature:  operating: 0c to 50c  storage: -20c to +70c output cable:  dielectric sciences 2121, 25 feet specifications electrical ratings hvp series the hvp series supplies provide 250 watts of output power up to 125kv. the outputs are fully adjustable from zero to 100% of the maximum rating. built-in emi filtering, safety interlocks, over- voltage/over-current arc protection, short circuit protection, and constant voltage/current operation, are just a few of the standard features in this series.  voltage programming  current programming  safety interlock  short circuit protection  nema 12 enclosure  low ripple features: t r a p r e b m u n v x a m i x a m v ka m 0 0 0 5 p 0 5 0 p v h0 50 . 5 0 0 0 5 n 0 5 0 p v h0 5 -0 . 5 0 0 0 3 p 0 8 0 p v h0 80 . 3 0 0 0 3 n 0 8 0 p v h0 8 -0 . 3 0 0 0 2 p 5 2 1 p v h5 2 10 . 2 0 0 0 2 n 5 2 1 p v h5 2 1 -0 . 2
182 hvp050p5000 hvp050n5000 hvp080p3000 hvp080n3000 hvp125p2000 HVP125N2000 ac power (brad harrison 40903-13.5) 2 1 3 # n i pl a n g i s 1l a r t u e n 2d n u o r g 3e n i l power connector interface connector pin assignments # n i pl a n g i ss r e t e m a r a p l a n g i s am a g o r p t n e r r u ct u p t u o d e t a r % 0 0 1 o t 0 = c d v 0 1 o t 0 bm a r g o r p e g a t l o vt u p t u o d e t a r % 0 0 1 o t 0 = c d v 0 1 o t 0 cr o t i n o m t n e r r u ct u p t u o d e t a r % 0 0 1 o t 0 = c d v 0 1 o t 0 dr o t i n o m e g a t l o vt u p t u o d e t a r % 0 0 1 o t 0 = c d v 0 1 o t 0 ee l b a n ee l b a n e = h g i h l t t ft l u a f s pk o = v 2 1 + g) s i s s a h c ( n r u t e r d l e i h s hn o m m o c y l p p u s r e w o p jn o m m o c y l p p u s r e w o p kk c o l r e t n i l a n r e t x e s p r o f d e r i u q e r s n i p n e e w t e b n o i t c e n n o c n o i t a r e p o ln r u t e r k c o l r e t n i l a n r e t x e mc n interface (amphenol c09131 g012-200-12) a b k j c l d e f h m g 16.0 (406) 6.8 (173) 16.0 (406) .75(19) (4 pl) .75(19) (4 pl) 1.5 (38) (2 pl) 9.6 (244) 4.2 (106) mounting hole (4 pl) output interface ac power power indicator


▲Up To Search▲   

 
Price & Availability of HVP125N2000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X